Part Number Hot Search : 
ATP184SM SP503EF MAX4144 100C1295 245SC 2SB1572 IECJ3200 SHD12
Product Description
Full Text Search
 

To Download CEP312010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel Enhancement Mode Field Effect Transistor FEATURES
30V, 40A,RDS(ON) = 15m @VGS = 10V. RDS(ON) = 22m @VGS = 4.5V. Super high dense cell design for extremely low RDS(ON). High power and current handing capability. Lead free product is acquired. TO-220 & TO-263 package.
D
CEP3120/CEB3120
D
G
G D S
S CEB SERIES TO-263(DD-PAK)
G
CEP SERIES TO-220
S
ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous@ TC = 25 C @ TC = 100 C Drain Current-Pulsed a Maximum Power Dissipation @ TC = 25 C - Derate above 25 C Operating and Store Temperature Range
Tc = 25 C unless otherwise noted Symbol Limit VDS VGS ID IDM PD TJ,Tstg 30
Units V V A A A W W/ C C
20
40 28 160 43 0.29 -55 to 175
Thermal Characteristics
Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Symbol RJC RJA Limit 3.5 62.5 Units C/W C/W
Details are subject to change without notice . 1
Rev 3. 2010.Sep http://www.cetsemi.com
CEP3120/CEB3120
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics c Gate Threshold Voltage Static Drain-Source On-Resistance Dynamic Characteristics d Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics d Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current b Drain-Source Diode Forward Voltage c td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 0V, IS = 20A VDS = 15V, ID = 10A, VGS = 10V VDD = 15V, ID = 10A, VGS = 10V, RGEN = 3 11 7 31 5 21 2 6 40 1.3 22 14 62 10 27 ns ns ns ns nC nC nC A V Ciss Coss Crss VDS = 15V, VGS = 0V, f = 1.0 MHz 895 215 160 pF pF pF VGS(th) RDS(on) VGS = VDS, ID = 250A VGS = 10V, ID = 20A VGS = 4.5V, ID =15A 1 11 17 3 15 22 V m m BVDSS IDSS IGSSF IGSSR VGS = 0V, ID = 250A VDS = 30V, VGS = 0V VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V 30 1 100 -100 V
A
TA = 25 C unless otherwise noted Symbol Test Condition Min Typ Max Units
nA nA
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature. b.Surface Mounted on FR4 Board, t < 10 sec. c.Pulse Test : Pulse Width < 300s, Duty Cycle < 2%. d.Guaranteed by design, not subject to production testing.
2
CEP3120/CEB3120
40 32 24 16 8 VGS=10,8,6V 75 60 45 30 15 0
ID, Drain Current (A)
ID, Drain Current (A)
25 C
VGS=3V
0 0 1 2 3 4 0
TJ=125 C 2 4
-55 C
6
8
VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
1260 1050 840 630 420 210 0 Coss Crss 0 5 10 15 20 25 Ciss 2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
ID=20A VGS=10V
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
C, Capacitance (pF)
-50
0
50
100
150
200
VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 VDS=VGS
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature IS, Source-drain current (A)
VGS=0V
10
2
VTH, Normalized Gate-Source Threshold Voltage
ID=250A
10
1
-25
0
25
50
75
100
125
150
10
0
0.4
0.6
0.8
1.0
1.2
1.4
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
3
CEP3120/CEB3120
VGS, Gate to Source Voltage (V)
10 8 6 4 2 0 VDS=15V ID=10A 10
3
RDS(ON)Limit
ID, Drain Current (A)
10
2
100ms 1ms 10ms
10
1
DC TC=25 C TJ=175 C Single Pulse 10
-1
0
5
10
15
20
25
10
0
10
0
10
1
10
2
Qg, Total Gate Charge (nC) Figure 7. Gate Charge VDD t on V IN VGS RGEN G RL D VOUT td(on) VOUT
10%
VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
toff tr
90%
td(off)
90% 10%
tf
INVERTED
90%
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10
0
D=0.5 0.2
10
-1
0.1 0.05 0.02 0.01 Single Pulse
PDM t1 t2
10
-2
1. RcJC (t)=r (t) * RcJC 2. RcJC=See Datasheet 3. TJM-TC = P* RcJC (t) 4. Duty Cycle, D=t1/t2
-4
10
-5
10
10
-3
10
-2
10
-1
10
0
10
1
Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance Curve
4


▲Up To Search▲   

 
Price & Availability of CEP312010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X